PART |
Description |
Maker |
ARD10012 ARD10012C ARD10012CQ ARD10012Q ARD10024 A |
Circular Connector; No. of Contacts:12; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:28; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:28-9 RoHS Compliant: No ER 35C 35#16 SKT RECP 26.5GHz, 18GHz COAXIAL SWITCH 26.5GHz的,18GHz同轴开 ECONOLINE: REC3-S_DRW(Z)/H* - 3W DIP Package- 1kVDC Isolation- Wide Input 2:1 & 4:1- Regulated Output- 100% Burned In- UL94V-0 Package Material- Continuous Short Circiut Protection- Efficiency to 80% 26.5GHz的,18GHz同轴开 Circular Connector; No. of Contacts:25; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:32; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No ER 3C 3#4 PIN RECP Circular Connector; No. of Contacts:3; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:28; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No ER 9C 6#12 3#8 SKT RECP WALL ER 3C 3#4 SKT RECP Circular Connector; No. of Contacts:3; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:28; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:28-3 RoHS Compliant: No
|
Electronic Theatre Controls, Inc. Matsushita Electric Works(Nais)
|
TC514400J TC514400J-10 TC514400J-80 TC514400Z-10 T |
1,048,576 x 4 BIT DYNAMIC RAM 1,048,576 × 4位动态随机存储器 Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3121; No. of Contacts:61; Connector Shell Size:24; Connecting Termination:Crimp; Circular Shell Style:Cable Receptacle RoHS Compliant: No Circular Connector; Body Material:Aluminum Alloy; Series:MS3116; No. of Contacts:11; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket RoHS Compliant: No
|
Toshiba, Corp. Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
ARF340S26 ARF340 |
FAST RECOVERY DIODE Circular Connector; No. of Contacts:3; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:16; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No Circular Connector; No. of Contacts:3; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:16; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:16-10 RoHS Compliant: No
|
POSEICO[Power Semiconductors] POSEICO SPA
|
K4H560438E-ZC/LA2 K4H560838E-ZC/LA2 K4H560438E-ZC/ |
64M X 4 DDR DRAM, 0.75 ns, PBGA60 ROHS COMPLIANT, FBGA-60 32M X 8 DDR DRAM, 0.75 ns, PBGA60 ROHS COMPLIANT, FBGA-60 CSM, CER 103PF 1000V 10% 1210 CAP, 10NF 1KV 10%, SMT, 1812 Connector Cover; Enclosure Material:Aluminum; Cable Diameter Max:25.4mm; Cable Diameter Min:20.32mm; Cable Entry:Top; For Use With:AVX/Elco 8016 Series Rack and Panel Rectangular Connectors with 90 Contacts RoHS Compliant: Yes CONN MEMORY CARD HDR CF NORMAL CONN EJECTOR COMPACTFLASH RIGHT Rectangular Industrial Connector Housing; Series:C-146; No. of Contacts:10; Gender:Female; Body Material:Aluminum Alloy; Connecting Termination:Screw; For Use With:C146 Rectangular Circular Connectors; Operating Voltage:400V RoHS Compliant: Yes COVER, SIDE ENTRY, 38WAY; For use with:8016 Series Rectangular Connectors; Material:Aluminium; Colour:Grey; Connector type:Dust Cap & Cover; Contacts, No. of:38; Ways, No. of:38 RoHS Compliant: Yes Rectangular Industrial Connector Housing; Series:C-146; No. of Contacts:6; Gender:Female; Body Material:Aluminum Alloy; Connecting Termination:Screw; Features:Spring Cover; For Use With:C146 Rectangular Circular Connectors RoHS Compliant: Yes 256Mb E-die DDR SDRAM Specification 60 FBGA with Pb-Free (RoHS compliant)
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|
IS93C76A IS93C86A-3ZLI IS93C76A-2GRI IS93C76A-2GRL |
8K-BIT/16K-BIT SERIAL ELECTRICALLY ERASABLE PROM 1K X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 8K-BIT/16K-BIT SERIAL ELECTRICALLY ERASABLE PROM 512 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 Rectangular Industrial Connector Housing; Series:C-146; No. of Contacts:10; Gender:Female; Body Material:Aluminum Alloy; Connecting Termination:Screw; Features:Spring Cover; For Use With:C146 Rectangular Circular Connectors RoHS Compliant: Yes Rectangular Industrial Connector Housing; Series:C-146; No. of Contacts:10; Gender:Female; Body Material:Aluminum Alloy; Connecting Termination:Screw; For Use With:C146 Rectangular Circular Connectors; Operating Voltage:400V RoHS Compliant: Yes
|
Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution Inc
|
231-104-09ZN9-98PA-03 231-104-09ZN9-98SA-03 231-10 |
3 CONTACT(S), ALUMINUM ALLOY, ZINC NICKEL PLATED, MALE-MALE, CIRCULAR ADAPTER 3 CONTACT(S), ALUMINUM ALLOY, ZINC NICKEL PLATED, FEMALE-MALE, CIRCULAR ADAPTER 43 CONTACT(S), ALUMINUM ALLOY, NICKEL PLATED, MALE-MALE, CIRCULAR ADAPTER ROHS COMPLIANT 2 CONTACT(S), ALUMINUM ALLOY, ZINC PLATED, FEMALE-MALE, CIRCULAR ADAPTER 4 CONTACT(S), ALUMINUM ALLOY, MALE-MALE, CIRCULAR ADAPTER 13 CONTACT(S), ALUMINUM ALLOY, MALE-MALE, CIRCULAR ADAPTER 16 CONTACT(S), ALUMINUM ALLOY, NICKEL PLATED, MALE-MALE, CIRCULAR ADAPTER 25 CONTACT(S), ALUMINUM ALLOY, FEMALE-MALE, CIRCULAR ADAPTER 13 CONTACT(S), ALUMINUM ALLOY, FEMALE-MALE, CIRCULAR ADAPTER
|
Glenair, Inc. GLENAIR INC
|
CEV0736-0034-AM001 CEV0736-0003-AM002 |
11 CONTACT(S), ALUMINUM ALLOY, FEMALE, CIRCULAR CONNECTOR, SOLDER, PLUG 11 CONTACT(S), ALUMINUM ALLOY, MALE, CIRCULAR CONNECTOR, SOLDER, SOCKET
|
CONNECTEURS ELECTRIQUES DEUTSCH
|
8STA60605PN 8STA60605PA 8STA20605PA |
5 CONTACT(S), ALUMINUM ALLOY, MALE, CIRCULAR CONNECTOR, CRIMP, PLUG 5 CONTACT(S), ALUMINUM ALLOY, MALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE
|
SOURIAU INC
|
2MBI300N-120 |
Circular Connector; Body Material:Aluminum Alloy; Series:MS3116; No. of Contacts:41; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket RoHS Compliant: No
|
FUJI ELECTRIC HOLDINGS CO., LTD.
|
P600K P600M P600M-T3 P600A P600D-T3 P600D P600A-T3 |
6.0A SILICON RECTIFIER 整流.0a Circular Connector; Body Material:Aluminum Alloy; Series:MS3116; Number of Contacts:30; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin Circular Connector; No. of Contacts:41; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:21; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:21-41
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
TC58F1001F-15 TC58F1001F-20 TC58F1001P TC58F1001P- |
131,072 WORD x 8 BIT CMOS FLASH E2PROM 131072字8位CMOS闪存E2PROM 131072 WORD x 8 BIT CMOS FLASH E2PROM Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3126; No. of Contacts:11; Connector Shell Size:18; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight RoHS Compliant: No Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3126; No. of Contacts:8; Connector Shell Size:16; Connecting Termination:Crimp; Circular Shell Style:Straight Plug RoHS Compliant: No
|
Toshiba, Corp. Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
CFR300M10 CFR150M10 CFR70M10 |
300 mm2, ALUMINUM COPPER ALLOY, WIRE TERMINAL 150 mm2, ALUMINUM COPPER ALLOY, WIRE TERMINAL 70 mm2, ALUMINUM COPPER ALLOY, WIRE TERMINAL
|
|
|